データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4397 データシート(PDF) 9 Page - STMicroelectronics

部品番号 AN4397
部品情報  Evaluation board for SPV1050 ULP harvester
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4397 データシート(HTML) 9 Page - STMicroelectronics

Back Button AN4397 Datasheet HTML 5Page - STMicroelectronics AN4397 Datasheet HTML 6Page - STMicroelectronics AN4397 Datasheet HTML 7Page - STMicroelectronics AN4397 Datasheet HTML 8Page - STMicroelectronics AN4397 Datasheet HTML 9Page - STMicroelectronics AN4397 Datasheet HTML 10Page - STMicroelectronics AN4397 Datasheet HTML 11Page - STMicroelectronics AN4397 Datasheet HTML 12Page - STMicroelectronics AN4397 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DocID025515 Rev 1
9/19
AN4397
System setup
19
2
System setup
The system setup that can be used for the evaluation of the SPV1050 device is shown in
Figure 4:
Figure 4. Supply and load connections
The supply system emulates the I-V characteristic of a PV panel and it is composed by
a power supply VGEN to determine VOC and a resistor RIN to determine IMP and VMP.
Considering the typical electrical parameters of a PV panel (VOC, VMP, IMP, ISC), the supply
system has to be set as following:
VGEN = VOC
RIN = (VOC - VMP) / IMP
At the output stage a real battery can be connected to the BATT pin. The battery can be
emulated by a power supply with a resistor in series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19