| データシートサーチシステム |
|
UM1685 データシート(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1685 データシート(HTML) 16 Page - STMicroelectronics |
|
16 / 31 page ![]() Boards description UM1685 16/31 DocID025458 Rev 2 Table 9. EVAL6482H - slave SPI connector pinout (J4) Pin number Type Description 1 Open drain output L6482 BUSY output 2 Open drain output L6482 FLAG output 3 Ground Ground 4 Supply EXT_VDD (can be used as external logic power supply) 5 Digital output SPI master IN slave OUT signal (connected to pin 5 of J3) 6 Digital input SPI serial clock signal (connected to L6482 CK input) 7 Digital input SPI master OUT slave IN signal (connected to L6482 SDO output) 8 Digital input SPI slave select signal (connected to L6482 CS input) 9 Digital input L6482 step-clock input 10 Digital input L6482 standby/reset input |