データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN320 データシート(PDF) 11 Page - STMicroelectronics

部品番号 AN320
部品情報  In the field of parallel protection, the devices used have two main functions in transient operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN320 データシート(HTML) 11 Page - STMicroelectronics

Back Button AN320 Datasheet HTML 5Page - STMicroelectronics AN320 Datasheet HTML 6Page - STMicroelectronics AN320 Datasheet HTML 7Page - STMicroelectronics AN320 Datasheet HTML 8Page - STMicroelectronics AN320 Datasheet HTML 9Page - STMicroelectronics AN320 Datasheet HTML 10Page - STMicroelectronics AN320 Datasheet HTML 11Page - STMicroelectronics AN320 Datasheet HTML 12Page - STMicroelectronics AN320 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AN320
Physical operation
Doc ID 5649 Rev 3
11/13
Figure 14.
Thyristor effect of the Trisil
As the avalanche current increases, this difference of potential can reach the threshold of
0.6 V, a value which is sufficient to create injection of electrons from the cathode towards the
P1 area and thus trigger thyristor N1 P1 N2 P2.
The electrons thus injected into P1 in fact will reach J2 by diffusion, and cross it under the
effect of the electrical field operating in the space charge of the reverse biased J2 junction.
In N2, the electrons help to reduce the potential of this area compared with P2 and as a
result inject holes from P2 towards N2. These holes travel in the reverse direction because of
their polarity. When they arrive at P2 they help to increase the potential of P1 with respect to
N1, this time resulting in the injection of electrons from N1 to P1.
The procedure is cumulative. The excess electrons in N2 and the holes in P1 will
compensate the fixed charges of the space charge and will thus suppress it. Junction J2 will
act as a forward biased junction and the voltage across the component will drop.
N++
1
N++
1
P1 +
P2 +
J 2
J 1
N 2
J 3
()
+
-
B
A
V
C
I
N
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13