データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN579 データシート(PDF) 5 Page - STMicroelectronics

部品番号 AN579
部品情報  PROTECTION CONCEPTS IN TELECOMMUNICATIONS EQUIPMENT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN579 データシート(HTML) 5 Page - STMicroelectronics

  AN579 Datasheet HTML 1Page - STMicroelectronics AN579 Datasheet HTML 2Page - STMicroelectronics AN579 Datasheet HTML 3Page - STMicroelectronics AN579 Datasheet HTML 4Page - STMicroelectronics AN579 Datasheet HTML 5Page - STMicroelectronics AN579 Datasheet HTML 6Page - STMicroelectronics AN579 Datasheet HTML 7Page - STMicroelectronics AN579 Datasheet HTML 8Page - STMicroelectronics AN579 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
AN579 APPLICATION NOTE
Gas tubes: These components are made by two metallic electrodes in a sealed case. Generally the
sealed tub contains a low pressure gas.
Figure 8. Carbon gap based primary protection
Figure 9. Gas tube characteristics
The major disadvantage of this kind of device is its response time, in fact the maximum voltage across the
gas tube depends on the dv/dt of the surge.
Zl
Zl
LINE
EXCHANGE
V
3
1
2
1: Sparkover voltage.
2: Glow discharge voltage.
3: Remaining voltage in switch on mode.



Html Pages

1 2 3 4 5 6 7 8 9 10