| データシートサーチシステム |
|
AN1889 データシート(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1889 データシート(HTML) 30 Page - STMicroelectronics |
|
30 / 33 page ![]() PCB layout and list of materials AN1889 30/33 10 PCB layout and list of materials The printed circuit board is reported in Figure 22, while the relevant bill of material is listed in Table 4. Figure 22. PCB layout Table 4. Bill of material R1 39 k Ω-2 W R2 33 k Ω-2 W R3 56 k Ω-2 W R4 56 k Ω-2 W R5 56 k Ω-2 W R6 56 k Ω-0.5 W R7 0.56 Ω-0.5 W R8 0 Ω R9 1 k Ω 0.5 W R10 150 k Ω R11 0 Ω R12 22 k Ω-0.25 W 1% R13 3.9 k Ω-0.25 W 1% R14 NC R15 2.2 k Ω-0.25 W R16 1 k Ω-0.25 W |