データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2053 データシート(PDF) 13 Page - STMicroelectronics

部品番号 AN2053
部品情報  SLIC protection for both classical and new networks
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2053 データシート(HTML) 13 Page - STMicroelectronics

Back Button AN2053 Datasheet HTML 7Page - STMicroelectronics AN2053 Datasheet HTML 8Page - STMicroelectronics AN2053 Datasheet HTML 9Page - STMicroelectronics AN2053 Datasheet HTML 10Page - STMicroelectronics AN2053 Datasheet HTML 11Page - STMicroelectronics AN2053 Datasheet HTML 12Page - STMicroelectronics AN2053 Datasheet HTML 13Page - STMicroelectronics AN2053 Datasheet HTML 14Page - STMicroelectronics AN2053 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AN2053
Conclusion
Doc ID 10917 Rev 2
13/15
6
Conclusion
The telecom deregulation everywhere in the world generated two kinds of line needs. The
long ones are dedicated to the classic telecommunication networks while the short ones are
linked to the emerging remote applications. These quite new systems are based on optic
fiber, WLL, phone over TV network or over 50/60 Hz supply network. For both long and short
line applications, protection is one of the major issues. STMicroelectronics is the major
player in the telecom protection field for both wired and wireless equipment. As far as the
analog telecom lines are concerned, the LCP concept is well adapted to protect SLIC. The
LCP15xx and LCPx2-150B1 cover the protection of all the SLIC of the market.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15