| データシートサーチシステム |
|
AN2344 データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2344 データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 27 page ![]() AN2344 Datasheet avalanche ratings 21/27 Figure 17. STP11NM60FP rectangular pulse switching approximation By using the superimposition principle (see Figure 18.) the maximum temperature at avalanche onset is expressed as: Equation 26 then, Equation 27 thus, Equation 28 The result, in this case, confirms the application of the simplified equation (see Equation 18). The STP11NM60FP working within the datasheet ratings, IAR and TJ(max). Different ambient temperatures or some heat sinking faults or, even some variation of other components in the board can bring the STP11NM60FP to operating points (IAR and TJ(max)) beyond the absolute maximum ratings and consequently risk the Power MOSFET’s failure. T jcmaxav ∆ P 4 Zth jc t4 () • P AVE Rthjc Zth jc t1 t 2 t 3 t 4 t D4 ++ ++ () – () + = + * * * P 3 Zth jc t3 t D3 t D4 t 4 ++ + () Zth jc tD3 t D4 t 4 ++ () – [] • + * * * * + P 2 Zth jc t2 t 3 t D4 t 4 ++ + () Zth jc t3 t D4 t 4 ++ () – [] • + * * * * + P 1 Zth jc t1 t D1 t 2 t 3 t D4 t 4 ++ + + + () Zth jc tD1 t 2 t 3 t D4 t 4 ++ + + () – [] • ** * * T jcmaxav ∆ P 4 Zth jc 61ns () • P AVE Rthjc Zth jc 2.57us () – () P 3 Zth jc 125ns () Zth jc 82ns () – [] • ++ = + * * P 2 Zth jc 1.48us () Zth jc 133ns () – [] • + * + P 1 Zth jc 2.57us () Zth jc 2.54us () – [] • 47.28 ° C = * + T j 47.28 ° C70° C117° C ≈ + = |