データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2495 データシート(PDF) 21 Page - STMicroelectronics

部品番号 AN2495
部品情報  The purpose of this application note is to explain the design
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2495 データシート(HTML) 21 Page - STMicroelectronics

Back Button AN2495 Datasheet HTML 17Page - STMicroelectronics AN2495 Datasheet HTML 18Page - STMicroelectronics AN2495 Datasheet HTML 19Page - STMicroelectronics AN2495 Datasheet HTML 20Page - STMicroelectronics AN2495 Datasheet HTML 21Page - STMicroelectronics AN2495 Datasheet HTML 22Page - STMicroelectronics AN2495 Datasheet HTML 23Page - STMicroelectronics AN2495 Datasheet HTML 24Page - STMicroelectronics AN2495 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AN2495
Frequency response and loop compensation
Doc ID 13127 Rev 5
21/36
Figure 8 shows Bode plots of the stabilized open loop transfer function.
Figure 8.
Stabilized open loop transfer function G(s) = G1(s) · G2(s) (Bode plots)
As expected, all requirements have been satisfied by properly choosing the feedback
network. Gain bandwidth is quite large, phase margin is around 90°, and system stability
margin is improved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36