データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2689 データシート(PDF) 7 Page - STMicroelectronics

部品番号 AN2689
部品情報  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 データシート(HTML) 7 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 3Page - STMicroelectronics AN2689 Datasheet HTML 4Page - STMicroelectronics AN2689 Datasheet HTML 5Page - STMicroelectronics AN2689 Datasheet HTML 6Page - STMicroelectronics AN2689 Datasheet HTML 7Page - STMicroelectronics AN2689 Datasheet HTML 8Page - STMicroelectronics AN2689 Datasheet HTML 9Page - STMicroelectronics AN2689 Datasheet HTML 10Page - STMicroelectronics AN2689 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
AN2689
Electrical hazards in the automotive environment
Doc ID 14310 Rev 3
7/42
1.3
Standards for the protection of automotive electronics
All the hazards indicated above are described by several standards bodies such as the
Society of Automobile Engineers (SAE), the Automotive Electronic Council (AEC) and the
International Standard Organization (ISO).
Because the ISO 10605 (a) and the ISO 7637 (b) are the most important automotive
standards regarding electrical hazards, this document mainly concerns the cases
considering such standards.
a.
ISO 10605: standard for “Electrostatic discharges” due to human body discharging inside a vehicle applied to a
complete system
b.
ISO 7637 standard for “Electrical disturbances from conduction and coupling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42