データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3400 データシート(PDF) 9 Page - STMicroelectronics

部品番号 AN3400
部品情報  Analysis and simulation of a BJT complementary pair in a self-oscillating CFL solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3400 データシート(HTML) 9 Page - STMicroelectronics

Back Button AN3400 Datasheet HTML 5Page - STMicroelectronics AN3400 Datasheet HTML 6Page - STMicroelectronics AN3400 Datasheet HTML 7Page - STMicroelectronics AN3400 Datasheet HTML 8Page - STMicroelectronics AN3400 Datasheet HTML 9Page - STMicroelectronics AN3400 Datasheet HTML 10Page - STMicroelectronics AN3400 Datasheet HTML 11Page - STMicroelectronics AN3400 Datasheet HTML 12Page - STMicroelectronics AN3400 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
AN3400
Bipolar transistor operating modes
Doc ID 018840 Rev 1
9/78
3
Bipolar transistor operating modes
Bipolars switching in the resonant circuit have three different operating modes in normal
working conditions: re-circulating, conduction and transition phases.
During the re-circulating phase, the transistor isn't yet in conduction state and passes from a
first inactive state in which its B-C junction diode is activated to allow the re-circulation of
load inductor demagnetization current ILP shared with the external diode in anti-parallel to
the device itself, to a second inactive state in which the external diode is turned off but both
of the two B-E and B-C junctions are forward biased in order to complete the residual
demagnetization of the Lp inductor until the forcing re-circulating current ILP, that imposes
the negative collector current, reaches the zero value. In conduction mode, the two B-E and
B-C junctions of the transistor continue to be forward biased and the bipolar transistor
conducts a positive magnetization current for the inductive load. The turn-off mechanism
occurs in three stages: “storage time”, or time spent to extract the storage in excess and
recombine the charge stored on the base, “current fall time”, in which the collector current
passes from 90% to 10% of its maximum value, and “rise time” of the collector-emitter
voltage. The transition mode occurs during the voltage rise time and represents a sort of
“dead time” phase in which both bipolars are substantially inactive since only the B-C and
B-E junction capacitances of both devices are interested in being charged/discharged in
reverse bias. This phase anticipates the re-circulating phase preliminary to the conduction
phase of the complementary device. During the turn-off process, the dynamic operation
point of the transistor moves through three different operating regions on the current-voltage
IC-VCE characteristic: “hard saturation region”, “quasi saturation region” and “active region”.
●
Hard saturation region: at the first instance of turn-off switching time, the base-collector
junction is forward biased and the base region and collector drift region are both in
high-level injection condition. An excess carrier distribution fills the collector drift region
and the storage time is just the time required to remove/extract this charge stored in
excess. Also the contribution of charge decay due to recombination, depending on the
minority-carrier lifetime, influences this phase. During the storage time process the
base-emitter voltage does not change immediately from its forward bias value VBESAT,
due to the excess minority carriers stored in the base region, and also the
collector-emitter voltage remains constant. The extent of storage time is dependent not
only on the amount of excess charges remaining in the collector drift region but also on
the external driving. Excess minority carriers are removed from the base region and
base-collector junction at a constant rate determined by the negative base drive
voltage, as well as the base drive resistance, and proportional to the reverse base
current IBoff slope. So the excess charge at the base-collector junction begins to reduce
due to charge removal to make up for the reverse base current and the collector current
continues to increase.
●
Quasi saturation region: after the storage time, the forward biased base-collector
junction is out of high-level injection and the remaining charges stored in the base
become insufficient to support the transistor in the hard saturation region. Therefore, at
this point the transistor enters quasi saturation region in which the depletion region
begins to expand while a voltage appears across it and the collector-emitter voltage
starts rising with a small slope. After having removed the charges in the drift region
holding the bipolar in the quasi saturation region, the transistor enters the active region.
●
Active region: crossing the active region, the charges stored in the base region are
insufficient to support the full negative base current so the base-emitter voltage starts
falling negatively and the negative base current starts reducing. Correspondingly, the
stored base charges can no longer support the full load current through the collector so
that also the collector current decays exponentially resulting in current fall time required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com