| データシートサーチシステム |
|
AN4209 データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4209 データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 19 page ![]() September 2013 DocID023949 Rev 2 1/19 AN4209 Application note Design methodology for repetitive voltage suppressors (RVS) in repetitive mode: STRVS Introduction The silicon transient voltage suppressor (TVS) device such as the Transil™ was initially specified with a power surge capability to respond to industrial standard test conditions, especially against high-energy single transient voltages. Today, many components in switched mode power supplies are continuously subjected to very short transient voltages. Little data is given in TVS specifications regarding the repetitive mode operation. Therefore, it is not easy for the designer to accurately assess the clamping voltage and power losses under these conditions. This application note introduces the new repetitive voltage suppressor STRVSX features, specifically adapted to the repetitive mode operation. A design guideline is presented and selection processes are described. www.st.com |
同様の部品番号 - AN4209 |
|
同様の説明 - AN4209 |