データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4407 データシート(PDF) 5 Page - STMicroelectronics

部品番号 AN4407
部品情報  Advantage of the use of an added driver source lead in discrete Power MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4407 データシート(HTML) 5 Page - STMicroelectronics

  AN4407 Datasheet HTML 1Page - STMicroelectronics AN4407 Datasheet HTML 2Page - STMicroelectronics AN4407 Datasheet HTML 3Page - STMicroelectronics AN4407 Datasheet HTML 4Page - STMicroelectronics AN4407 Datasheet HTML 5Page - STMicroelectronics AN4407 Datasheet HTML 6Page - STMicroelectronics AN4407 Datasheet HTML 7Page - STMicroelectronics AN4407 Datasheet HTML 8Page - STMicroelectronics AN4407 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DocID025572 Rev 1
5/19
AN4407
Description
19
Figure 3. Schematic of a push-pull driver for power device
A current amplifier solution can be integrated directly inside the driver or put in series with
the output driver externally. This solution is used on the demo board made by
STMicroelectronics. Since the L6563 driver used on the demo needs a sensing signal for
current control, a resistor is put in series with the source of the power device (Figure 4).
Figure 4. Schematic of a push-pull connection usingan L6536 as the driver
This solution necessitates a slight modification on the driving network to correctly use the
new device with the added sensing pin. In fact, if we directly replace the standard 3-pin TO-
247 MOSFET with the 4-pin version (TO-247-4), we risk short-circuiting the sensing resistor
and losing any information coming from it (Figure 5).
GIPG211120131731FSR
GIPG211120131734FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19