データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT1371 データシート(PDF) 5 Page - Linear Technology

部品番号 LT1371
部品情報  500kHz High Efficiency 3A Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT1371 データシート(HTML) 5 Page - Linear Technology

  LT1371_15 Datasheet HTML 1Page - Linear Technology LT1371_15 Datasheet HTML 2Page - Linear Technology LT1371_15 Datasheet HTML 3Page - Linear Technology LT1371_15 Datasheet HTML 4Page - Linear Technology LT1371_15 Datasheet HTML 5Page - Linear Technology LT1371_15 Datasheet HTML 6Page - Linear Technology LT1371_15 Datasheet HTML 7Page - Linear Technology LT1371_15 Datasheet HTML 8Page - Linear Technology LT1371_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1371
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
400
500
600
150
LT1371 • G11
300
200
0
0
50
100
100
800
700
–25
25
75
125
VFB =VREF
Feedback Input Current
vs Temperature
TEMPERATURE (
°C)
–50
–50
–30
0
0
50
75
LT1371 • G12
–40
–10
–20
–25
25
100 125
150
VNFB =VNFR
Negative Feedback Input Current
vs Temperature
VC Pin Threshold and High
Clamp Voltage vs Temperature
TEMPERATURE (
°C)
–50
0.4
0.6
1.0
1.2
1.4
2.4
1.8
0
50
75
LT1371 • G10
0.8
2.0
2.2
1.6
–25
25
100 125
150
VC HIGH CLAMP
VC THRESHOLD
PIN FUNCTIONS
VC: The Compensation pin is used for frequency compen-
sation, current limiting and soft start. It is the output of the
error amplifier and the input of the current comparator.
Loop frequency compensation can be performed with an
RC network connected from the VC pin to ground.
FB: The Feedback pin is used for positive output voltage
sensing and oscillator frequency shifting. It is the invert-
ing input to the error amplifier. The noninverting input of
this amplifier is internally tied to a 1.245V reference. Load
on the FB pin should not exceed 250
µA when NFB pin is
used. See Applications Information.
NFB: The Negative Feedback pin is used for negative
output voltage sensing. It is connected to the inverting
input of the negative feedback amplifier through a 100k
source resistor.
S/S (R and T7 Packages Only): Shutdown and Synchroni-
zation Pin. The S/S pin is logic level compatible. Shutdown
is active low and the shutdown threshold is typically 1.3V.
For normal operation, pull the S/S pin high, tie it to VIN or
leave it floating. To synchronize switching, drive the S/S
pin between 600kHz and 800kHz.
SHDN: (SW Package Only): The Shutdown pin is active
low and the shutdown threshold is typically 1.3V. For
normal operation, pull the SHDN pin high, tie it to VIN or
leave it floating.
SYNC (SW Package Only): To synchronize switching,
drive the SYNC pin between 600kHz and 800kHz. If not
used, the SYNC pin can be tied high, low or left floating.
VIN: Bypass Input Supply pin with a low ESR capacitor,
10
µF or more. The regulator goes into undervoltage lock-
out when VIN drops below 2.5V. Undervoltage lockout
stops switching and pulls the VC pin low.
VSW: The Switch pin is the collector of the power switch
and has large currents flowing through it. Keep the traces
to the switching components as short as possible to
minimize radiation and voltage spikes.
GND: Tie all Ground pins to a good quality ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com