データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN392 データシート(PDF) 9 Page - STMicroelectronics

部品番号 AN392
部品情報  Microcontrollers and TRIAC-based dimmers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN392 データシート(HTML) 9 Page - STMicroelectronics

Back Button AN392 Datasheet HTML 3Page - STMicroelectronics AN392 Datasheet HTML 4Page - STMicroelectronics AN392 Datasheet HTML 5Page - STMicroelectronics AN392 Datasheet HTML 6Page - STMicroelectronics AN392 Datasheet HTML 7Page - STMicroelectronics AN392 Datasheet HTML 8Page - STMicroelectronics AN392 Datasheet HTML 9Page - STMicroelectronics AN392 Datasheet HTML 10Page - STMicroelectronics AN392 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AN392
Conclusion
Doc ID 1863 Rev 2
9/11
4
Conclusion
Microcontroller units (MCU) are in common use in most areas of home appliances. The
applications described in this Application note show that enhanced appliance circuits can be
designed with ST6210 MCU and a snubberless or logic level TRIAC.
The presented circuits are a universal motor drive, and a light dimmer operating from the
110/240 V mains. The motor drive can be adapted, for instance, to vacuum cleaners, food
processors, drills or washing machines. The light dimmer drives incandescent and halogen
lamps supplied either directly from the mains or through a low voltage transformer.
Those circuits include soft start and protection features. Different user interfaces can be
chosen: touch sensor, push button or potentiometer.
Such features are obtained with only few components: an ST6210 MCU in 20 pin DIL/SMD
package with a logic level or snubberless TRIAC in TO-220 package and some passive
components.
Additional features such as motor speed regulation, torque limitation, vacuum or unbalance
control, IR presence detection, remote control, alarm, homebus interface can also be
implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11