| データシートサーチシステム |
|
AN871 データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN871 データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 13 page ![]() 9/13 AN871 APPLICATION NOTE Figure 9. "Smart door control" concept based on small triacs to drive each actuator of the various functions of the front door Other applications Small motor breaking. Another example of application of SCR or triac in a DC motor circuit is the dy- namic breaking. For instance, wipers control requires an accurate positioning when the motor is switched off. An efficient solution consists in short circuiting the motor, with the SCR T, as soon the circuit is turned off (see Figure 10). A MOSFET is also able to break but would cause a short circuit with its body diode in case of reverse polarity. Figure 10. Thyristor used in motor breaking MIRROR FOLDEN MIRROR MIRROR DOOR LOCK M M M M M SUPER DOOR LOCK M VBAT. DRIVER T |