データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN886 データシート(PDF) 5 Page - STMicroelectronics

部品番号 AN886
部品情報  A customer who develops an MCU-based application needs various levels of flexibility in order
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN886 データシート(HTML) 5 Page - STMicroelectronics

  AN886 Datasheet HTML 1Page - STMicroelectronics AN886 Datasheet HTML 2Page - STMicroelectronics AN886 Datasheet HTML 3Page - STMicroelectronics AN886 Datasheet HTML 4Page - STMicroelectronics AN886 Datasheet HTML 5Page - STMicroelectronics AN886 Datasheet HTML 6Page - STMicroelectronics AN886 Datasheet HTML 7Page - STMicroelectronics AN886 Datasheet HTML 8Page - STMicroelectronics AN886 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
SELECTING BETWEEN ROM, FASTROM AND OTP FOR A MICROCONTROLLER
3 TYPICAL MANUFACTURING LEAD TIME FOR ROM AND OTP
The complexity of all the operations needed to manufacture a component implies a certain
time period. Understanding STMicroelectronics’ MCU manufacturing cycle is important in
order to establish good relationships with customers. The numbers given here are typical and
subject to change in the future
Figure 2. Typical Fabrication Leadtime in weeks.
In order to limit lead time on ROM products, STMicroelectronics has introduced pre-diffusion
technology on selected products. This allows a two weeks reduction in total cycle time. Also
notice that MCU devices have to be ordered in specified minimum quantities for ROM version.
Figure 3. Typical Leadtime for Standard Products
5*
7
1
1
1
1
1
Transit Time**
Wafer Fabrication
Standard Wafers*
*Pre-diffused Wafers (Selected Products)
Wafer
Probing
Assembly
Final Test
Shipment
**Wafer and assembly sites are typically located in different countries.
Typical
Leadtime
for
Standard
Product
0 - 5,000 units
> 5,000 units
Min. Quantity
4
10
12
ROM
Standard
ROM
Pre-
diffused
Flash
2*
(weeks)
12
4
ROM
FAST
* Gold Standard products
> 5,000/10000 units



Html Pages

1 2 3 4 5 6 7 8 9