データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN900 データシート(PDF) 14 Page - STMicroelectronics

部品番号 AN900
部品情報  INTRODUCTION TO SEMICONDUCTOR TECHNOLOGY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN900 データシート(HTML) 14 Page - STMicroelectronics

Back Button AN900 Datasheet HTML 7Page - STMicroelectronics AN900 Datasheet HTML 8Page - STMicroelectronics AN900 Datasheet HTML 9Page - STMicroelectronics AN900 Datasheet HTML 10Page - STMicroelectronics AN900 Datasheet HTML 11Page - STMicroelectronics AN900 Datasheet HTML 12Page - STMicroelectronics AN900 Datasheet HTML 13Page - STMicroelectronics AN900 Datasheet HTML 14Page - STMicroelectronics AN900 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14/15
INTRODUCTION TO SEMICONDUCTOR TECHNOLOGY
2.3 HOW DOES A TRANSISTOR WORK?
Transistor is the basic element of an MCU device. There can be hundreds of thousands of
them and the size of their gate can go down to 0.35 microns.
Let’s explain the way a NMOS transistor operates. Basically, There’s a lack of electrons be-
tween the Source (S) and the Drain (D) because this area has been implanted with a P-type
dopant (Boron for instance). Therefore, when no voltage is applied, there’s no current between
the source and the drain (case of the enhancement transistor).
If we apply a positive voltage on the gate and the drain, then this will attract electrons in the
channel existing between the source and the drain, therefore making it possible for an elec-
trical current to flow between S and D.
There are two main types of transistor:
– Enhancement Transistor: channel is permanently OFF. It requires a positive applied gate
voltage to turn on. Microcontrollers, for instance, mainly use this type of transistor.
– Depletion Transistor: channel is permanently ON. It requires a negative applied gate volt-
age to turn off.
This scheme is a cross section of
a real transistor obtained after
about 100 steps of fabrication
(see previous paragraph for the
explanation of the different fabri-
cation steps). The last layer is
called a passivation layer and pro-
tects the transistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15