データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN913 データシート(PDF) 2 Page - STMicroelectronics

部品番号 AN913
部品情報  PWM GENERATION WITH THE ST62 16-BIT AUTO-RELOAD TIMER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN913 データシート(HTML) 2 Page - STMicroelectronics

  AN913 Datasheet HTML 1Page - STMicroelectronics AN913 Datasheet HTML 2Page - STMicroelectronics AN913 Datasheet HTML 3Page - STMicroelectronics AN913 Datasheet HTML 4Page - STMicroelectronics AN913 Datasheet HTML 5Page - STMicroelectronics AN913 Datasheet HTML 6Page - STMicroelectronics AN913 Datasheet HTML 7Page - STMicroelectronics AN913 Datasheet HTML 8Page - STMicroelectronics AN913 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/12
PWM GENERATION WITH THE ST62 16-BIT AUTO-RELOAD TIMER
The prescaler ratio can be programmed to choose the timer input frequency fint(see Table 1 ).
Figure 1. 16-bit Auto-Reload Timer Block Diagram
SCR1
SCR2
SCR3
SCR4
8
8
8
8
16
16
16
16
CMP
MASK
RLCP
CP
Compare
Compare
TC
to 0
16
16
16
16
8
PSC ratio
f
int
CONTROL LOGIC
INT
CP2
CP1
OVF
PWM
fosc
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12