データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DIM250PLM33-TS000 データシート(PDF) 2 Page - Dynex Semiconductor

部品番号 DIM250PLM33-TS000
部品情報  IGBT Chopper Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DYNEX [Dynex Semiconductor]
ホームページ  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM250PLM33-TS000 データシート(HTML) 2 Page - Dynex Semiconductor

  DIM250PLM33-TS000_15 Datasheet HTML 1Page - Dynex Semiconductor DIM250PLM33-TS000_15 Datasheet HTML 2Page - Dynex Semiconductor DIM250PLM33-TS000_15 Datasheet HTML 3Page - Dynex Semiconductor DIM250PLM33-TS000_15 Datasheet HTML 4Page - Dynex Semiconductor DIM250PLM33-TS000_15 Datasheet HTML 5Page - Dynex Semiconductor DIM250PLM33-TS000_15 Datasheet HTML 6Page - Dynex Semiconductor DIM250PLM33-TS000_15 Datasheet HTML 7Page - Dynex Semiconductor DIM250PLM33-TS000_15 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DIM250PLM33-TS000
2/8
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under ‘Absolute Maximum Ratings’ may cause permanent damage to the device. In
extreme conditions, as with all semiconductors, this may include potentially hazardous rupture of the package.
Appropriate safety precautions should always be followed. Exposure to Absolute Maximum Ratings may affect
device reliability.
Tcase = 25°C unless stated otherwise
Symbol
Parameter
Test Conditions
Max.
Units
VCES
Collector-emitter voltage
VGE = 0V
3300
V
VGES
Gate-emitter voltage
±20
V
IC
Continuous collector current
Tcase = 110°C
250
A
IC(PK)
Peak collector current
1ms, Tcase = 140°C
500
A
Pmax
Max. transistor power dissipation
Tcase = 25°C, Tj = 150°C
2.6
kW
I
2t
Diode I
2t value – IGBT Arm
VR = 0, tp = 10ms, Tj = 150ºC
20
kA
2s
Diode I
2t value – Diode Arm
20
kA
2s
Visol
Isolation voltage
– per module
Commoned terminals to base plate.
AC RMS, 1 min, 50Hz
6000
V
QPD
Partial discharge
– per module
IEC1287, V1 = 3500V, V2 = 2600V, 50Hz RMS
10
pC
THERMAL AND MECHANICAL RATINGS
Internal insulation material:
AlN
Baseplate material:
AlSiC
Creepage distance:
33mm
Clearance:
20mm
CTI (Comparative Tracking Index):
>600
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Units
Rth(j-c)
Thermal resistance
– transistor
Continuous dissipation -
junction to case
-
-
48
°C/kW
Rth(j-c)
Thermal resistance
– diode
(IGBT Arm)
Continuous dissipation -
junction to case
-
-
96
°C/kW
Thermal resistance
– diode
(Diode Arm)
-
-
96
°C/kW
Rth(c-h)
Thermal resistance
case to heatsink (per module)
Mounting torque 5Nm
(with mounting grease)
-
-
16
°C/kW
Tj
Junction temperature
Transistor
-
-
150
°C
Diode
-
-
150
°C
Tstg
Storage temperature range
-
-40
-
125
°C
Screw torque
Mounting
– M6
-
-
5
Nm
Electrical connections
– M5
-
-
4
Nm



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com