データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD63 データシート(PDF) 55 Page - NEC

部品番号 UPD63
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD63 データシート(HTML) 55 Page - NEC

Back Button UPD63 Datasheet HTML 51Page - NEC UPD63 Datasheet HTML 52Page - NEC UPD63 Datasheet HTML 53Page - NEC UPD63 Datasheet HTML 54Page - NEC UPD63 Datasheet HTML 55Page - NEC UPD63 Datasheet HTML 56Page - NEC UPD63 Datasheet HTML 57Page - NEC UPD63 Datasheet HTML 58Page - NEC UPD63 Datasheet HTML 59Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
55
µPD63, 63A, 64
13. APPLIED CIRCUIT EXAMPLE
Example of Application to System
· Remote-control transmitter (40 keys; mode selection switch accommodated)
· Remote-control transmitter (48 keys accommodated)
Remark When the POC circuit of the mask option is used effectively, it is not necessary to connect the capacitor
enclosed in the dotted lines.
KI/O6
KI/O7
S0
S1/LED
REM
VDD
XOUT
XIN
GND
RESET
KI/O5
KI/O4
KI/O3
KI/O2
KI/O1
KI/O0
KI3
KI2
KI1
KI0
Key matrix
8
× 5 = 40 keys
Mode selection switch
+
+
KI/O6
KI/O7
S0
S1/LED
REM
VDD
XOUT
XIN
GND
RESET
KI/O5
KI/O4
KI/O3
KI/O2
KI/O1
KI/O0
KI3
KI2
KI1
KI0
Key matrix
8
× 6 = 48 keys
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68