データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN1077 データシート(PDF) 12 Page - STMicroelectronics

部品番号 AN1077
部品情報  OVERVIEW OF ENHANCED CAN CONTROLLERS FOR ST7 AND ST9 MCUS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1077 データシート(HTML) 12 Page - STMicroelectronics

Back Button AN1077 Datasheet HTML 6Page - STMicroelectronics AN1077 Datasheet HTML 7Page - STMicroelectronics AN1077 Datasheet HTML 8Page - STMicroelectronics AN1077 Datasheet HTML 9Page - STMicroelectronics AN1077 Datasheet HTML 10Page - STMicroelectronics AN1077 Datasheet HTML 11Page - STMicroelectronics AN1077 Datasheet HTML 12Page - STMicroelectronics AN1077 Datasheet HTML 13Page - STMicroelectronics AN1077 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12/14
OVERVIEW OF ENHANCED CAN CONTROLLERS FOR ST7 AND ST9 MCUS
Figure 4. Figure 4: beCAN Block Diagram
The beCAN is based on the same FIFO and filter concept as bxCAN but targets applications
requiring less communication resources. This leads to a reduced processor interface function-
ality.
4 VALIDATION
BxCAN and beCAN are based on the CAN core of BOSCH’s C_CAN controller. This approach
limits the development risk, reusing the huge experience BOSCH has gained during more
than one decade of CAN controller development. To guarantee the compliance of the
BOSCH’s CAN core with the CAN standard, the C_CAN has been validated according to the
ISO standard 16845 „CAN Conformance Testing“. The validation has been performed by the
c&s group led by Prof. Dr. W. Lawrenz located in Wolfenbüttel, Germany.
For several years, c&s has been well accepted world wide as an organisation for CAN con-
troller validation.
CAN 2.0B Active Core
Mailbox 0
Transmission
Filter
1
2
3
Mailbox 1
Mailbox 0
1
2
Receive FIFO
Acceptance Filters
Tx Mailboxes
Master Control
Scheduler
Master Status
Transmit Status
Transmit Prio
Receive FiFO
Error Status
Error Int. Enable
Tx Error Counter
Rx Error Counter
Diagnostic
Bit Timing
Filter Master
Filter Config.
Page Select
Interrupt Enable
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14