データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN1278 データシート(PDF) 31 Page - STMicroelectronics

部品番号 AN1278
部品情報  Many mechanical components in the automotive sector have been replaced
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1278 データシート(HTML) 31 Page - STMicroelectronics

Back Button AN1278 Datasheet HTML 27Page - STMicroelectronics AN1278 Datasheet HTML 28Page - STMicroelectronics AN1278 Datasheet HTML 29Page - STMicroelectronics AN1278 Datasheet HTML 30Page - STMicroelectronics AN1278 Datasheet HTML 31Page - STMicroelectronics AN1278 Datasheet HTML 32Page - STMicroelectronics AN1278 Datasheet HTML 33Page - STMicroelectronics AN1278 Datasheet HTML 34Page - STMicroelectronics AN1278 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
31/44
LIN (LOCAL INTERCONNECT NETWORK) SOLUTIONS
scribed in 3.2.2 User interface functions the application is responsible for the initialization and
the interrupt routine.
Initialization:
Firstly, the output compare must be configured: The OCIE flag of the TACR1 register must be
set and the defined OC disabled by writing the high byte of the OC1 register. As the applica-
tion is not using OC2 it is disabled also in the same way.
Secondly, the timer prescaler must be calculated using the equations given in Table 7:
1st test: prescaler=2
(FCPU/prescaler/BAUDRATE)*165= 8000000/2/9600*165=68750 > 65536 doesn’t match
1st test: prescaler=4
(FCPU/prescaler/BAUDRATE)*165= 8000000/4/9600*165=34375 < 65536 match!
The prescaler has to be set to 4 which corresponds to writing the value (0,0) in the (CC0,CC1)
bits in Timer A Control Register 2.
extern uByte master_data[];
void DataReceived_Notification(@tiny t_header *header, @tiny t_response *re-
sponse)
{
if(header->identifier == ID_Table[0].id){
master_data[0]=response->data[0];
master_data[1]=response->data[1];
}
else if(header->identifier == ID_Table[2].id){
PORTS_WakeUp_On();
_asm("halt\n");
}
}
@interrupt void PORTS_0_Interrupt(void)
{
unsigned char i;
i=250;
while(i--);
if(!(PADR&0xFE))
{
PAOR&=0xFE;
LIN_SendWakeUpSignal();
}
}
on-chip SCI used
(FCPU/prescaler/BAUDRATE)*165 < 65536



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44