| データシートサーチシステム |
|
AN1447 データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1447 データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 26 page ![]() 21/26 4-MULTIPLEXED LCD WITH A STANDARD ST62 ;***************************************************************** LCD_Do: ; Updates the LCD outputs (commons & segments) to ; display the requested digits. ; Prereq. : ’LCD_Init’ called before ; Inputs : ’min_dig0’, ’min_dig1’, ’hr_dig0’, ’hr_dig1’ ; + ’icons’ ; Outputs : ’DDR_com’, ’DR_com’, ’DR_com_2’, ’OR_com’, ; ’DR_seg’ and ’DR_seg_2’ refreshed ; IMPORTANT: once the LCD I/Os are initialised, this ; subroutine must be called frequently to prevent ; damaging the LCD. ;***************************************************************** ;--- Depending on flash strobe, update segment images --- ld a,min_dig0 jrr 0,strobe,min0 jrr MIN0,flashing,min0 ldi a,BLANK min0: ld mindig0I,a ld a,min_dig1 jrr 0,strobe,min1 jrr MIN1,flashing,min1 ldi a,BLANK min1: ld mindig1I,a ld a,hr_dig0 jrr 0,strobe,hr0 jrr HR0,flashing,hr0 ldi a,BLANK hr0: ld hrdig0I,a ld a,hr_dig1 jrr 0,strobe,hr1 jrr HR1,flashing,hr1 ldi a,BLANK hr1: ld hrdig1I,a clr a jrr 0,strobe,iconsegs ld a,flashing iconsegs: com a and a,icons ld iconsI,a |