データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN1603 データシート(PDF) 19 Page - STMicroelectronics

部品番号 AN1603
部品情報  This Application Note describes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1603 データシート(HTML) 19 Page - STMicroelectronics

Back Button AN1603 Datasheet HTML 13Page - STMicroelectronics AN1603 Datasheet HTML 14Page - STMicroelectronics AN1603 Datasheet HTML 15Page - STMicroelectronics AN1603 Datasheet HTML 16Page - STMicroelectronics AN1603 Datasheet HTML 17Page - STMicroelectronics AN1603 Datasheet HTML 18Page - STMicroelectronics AN1603 Datasheet HTML 19Page - STMicroelectronics AN1603 Datasheet HTML 20Page - STMicroelectronics AN1603 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19/21
USING THE ST7 USB DEVICE FIRMWARE UPGRADE DEVELOPMENT KIT (DFU-DK)
5.1.2.3 ST_DeviceFirmwareUpgrade
Prototype
DWORD WINAPI ST_DeviceFirmwareUpgrade(DWORD Nb,
UCHAR * pBufferIn,
UCHAR * pBufferOut);
Description
This is the main DFU protocol function, you can use it and/or develop your own solution and it
is only intended as an example. Its functional goal is to start all the previous DFU request func-
tions and process the device upgrade automatically.
Parameters
Nb :Number of the selected DFU Device (given by STDFU_EnumGetNbDevices)
pBufferIn : pointer to a 64KByte RAM buffer where the new firmware image is stored.
pBufferOut :pointer to a 64KByte RAM buffer where the oldfirmware image will be stored.
Returned Value
STDFU_NOERROR in case of success, otherwise (Error Code).
5.1.2.4 ST_GetDFUStatus
Prototype
DWORD WINAPI ST_GetDFUStatus(
PDWORD pPercent,
PDWORD pStage,
PDWORD pError);
Description
Returns DFU status and errors data to the application GUI.
Parameters
pPercent: stage process completion percentage.
pStage:DFU process stage such as detach, upload, upgrade etc.
pError: DFU error.
Returned Value
STDFU_NOERROR in case of success, otherwise (Error Code).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21