| データシートサーチシステム |
|
AN1711 データシート(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1711 データシート(HTML) 37 Page - STMicroelectronics |
|
37 / 40 page ![]() 37/40 SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS 5.4 INTERRUPTS Only one interrupt is used for Timer A. This is used for demonstrating “Wait for interrupt”. You are advised to make necessary changes in the software when using this technique for ex- ample, in PRM file etc. 5.5 CODE SIZE AND EXECUTION TIME The following table summarises the approximate code size and execution time. Depending on the compiler and memory placement, these values can change. The RAM requirements are not provided and you can choose to place the variables as global or local. For techniques which require arrays, the size of array will define the RAM require- ments and it is left up to the user. Table 6. Code size and execution time No. Function Name Code size (Bytes) Execution time (us) Averaging technique 1. ADC_get_avgdata 63 311 Averaging using queue implementation 2. ADC_fill_Q 68 178 3. ADC_avg_Q 104 31 Noise filtering technique 4. ADC_getdata_filter_noise 155 717 Histogram technique 5. ADC_getdata_histgrm 669 6550 Execute from RAM 6. ADC_do_Conversion 15 10 7. copy_code_ROM_2_RAM 44 109 8. ADC_get_avg_execRAM 97 541 Zone compensation 9. ADC_zone_compensation 149 24 Wait for Interrupt technique 10. TimerA_Init 19 4 11. ADC_conversion_WFI 14 36** |