データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN1713 データシート(PDF) 3 Page - STMicroelectronics

部品番号 AN1713
部品情報  SMBus SLAVE DRIVER FOR ST7 I2C PERIPHERAL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1713 データシート(HTML) 3 Page - STMicroelectronics

  AN1713 Datasheet HTML 1Page - STMicroelectronics AN1713 Datasheet HTML 2Page - STMicroelectronics AN1713 Datasheet HTML 3Page - STMicroelectronics AN1713 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
SMBus SLAVE DRIVER FOR ST7 I2C PERIPHERAL
Section 3 contains the description of the SMBus driver. These functions available with the
driver configure the ST7 I2C peripheral as an SMBus slave and allow it to communicate with
any SMBus master. Here all SMBus v1.1 features are supported. This driver can be used in
the Smart Battery System and other low-power devices.
For more details about the functions please refer to the SMBS_UM.pdf file.
3 SOFTWARE
The Software and user manual are available in the zip file supplied with this application note.
The User manual explains how to use the SMBus slave functions. An example is also pro-
vided to help the user to write an application using SMBus functions.
The following lists the source files which can be used for the SMBus slave interface. They are
separated into 2 types.
1. User accessible files: Following files can be modified by the user depending on the requirement.
main.c: Contains the Example program for SMBus slave driver communication for Write Word, Write
Block and read word protocols. Here the PEC option is not chosen.
SMBS_config.h: Select the CPU frequency and Packet Error Checking option
2. Non-user accessible files: These files should not be modified by the user.
SMBS.c: Contains source code for all the Slave SMBus functions
SMBS.h: Contains prototypes for all the slave SMBus functions
SMBS_hr.c: Contains all the I2C hardware registers
SMBS_hr.h: Declares all the hardware registers as extern
This software is tested only for write word, read word and write block protocols.



Html Pages

1 2 3 4