| データシートサーチシステム |
|
AN1752 データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1752 データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 14 page ![]() 12/14 ST72324 QUICK REFERENCE NOTE 3.3.4 ST7 Flash Programmer The FLASHER ST7 is an in-circuit programming tool that can be used either in a laboratory or in a manufacturing environment. s Controlled by PC via RS232 port s Programming / Verifying / Readback supported s Batch mode processing controlled either from a PC (RS232 connection) or through three TTL I/O lines for automated test systems s Once setup can be used standalone (without being connected to controller PC) Web: http://www.st.com/mcu>ST MCU Support>Downloads Or http://www.segger.com |