データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN1753 データシート(PDF) 16 Page - STMicroelectronics

部品番号 AN1753
部品情報  Software UART using ST7LITE0 12-bit autoreload timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1753 データシート(HTML) 16 Page - STMicroelectronics

Back Button AN1753 Datasheet HTML 12Page - STMicroelectronics AN1753 Datasheet HTML 13Page - STMicroelectronics AN1753 Datasheet HTML 14Page - STMicroelectronics AN1753 Datasheet HTML 15Page - STMicroelectronics AN1753 Datasheet HTML 16Page - STMicroelectronics AN1753 Datasheet HTML 17Page - STMicroelectronics AN1753 Datasheet HTML 18Page - STMicroelectronics AN1753 Datasheet HTML 19Page - STMicroelectronics AN1753 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Functional software flow
AN1753
16/22
DocID9986 Rev 2
Figure 9. Output compare transmit flow
Transmit routine
Send “START” bit
yes
no
a
bit_count=
“0”
Set “BS” flag in
“sci_status” var.
Disable interrupt & stop
timer clock
b
Send “STOP”bit
a
All “data”
sent?
no
yes
yes
no
Transmit “data” bit
Load “CNTR” with 1 bit
delay count
Clear prev. interrupt &
set compare interrupt
iret
b
?
”FRAME”
sent?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22