データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN1798 データシート(PDF) 13 Page - STMicroelectronics

部品番号 AN1798
部品情報  This application note describes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1798 データシート(HTML) 13 Page - STMicroelectronics

Back Button AN1798 Datasheet HTML 8Page - STMicroelectronics AN1798 Datasheet HTML 9Page - STMicroelectronics AN1798 Datasheet HTML 10Page - STMicroelectronics AN1798 Datasheet HTML 11Page - STMicroelectronics AN1798 Datasheet HTML 12Page - STMicroelectronics AN1798 Datasheet HTML 13Page - STMicroelectronics AN1798 Datasheet HTML 14Page - STMicroelectronics AN1798 Datasheet HTML 15Page - STMicroelectronics AN1798 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AN1798
STR71x ADC conversion speed-up
13/16
Data Available flags DA[n] and each time a flag is set you have to read the corresponding
data register ADC_DATA[n] to get the last converted value. Thus, after every 512 cycles of
the oversampling clock, a new conversion value becomes available in the ADC_DATA[n]
register, the next new conversion value will be available after 512 cycles in the
ADC_DATA[n+1] register. The converted value to be read after the ADC_DATA4 one will be
ADC_DATA0. The following flowchart shows how to implement this procedure.
Note:
To obtain the desired results with this software, you must follow the hardware configuration
shown in Figure 9: connect the four channels together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16