データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN1799 データシート(PDF) 5 Page - STMicroelectronics

部品番号 AN1799
部品情報  STR71x GPIO SCANNING A 4x4 MATRIX KEYPAD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1799 データシート(HTML) 5 Page - STMicroelectronics

  AN1799 Datasheet HTML 1Page - STMicroelectronics AN1799 Datasheet HTML 2Page - STMicroelectronics AN1799 Datasheet HTML 3Page - STMicroelectronics AN1799 Datasheet HTML 4Page - STMicroelectronics AN1799 Datasheet HTML 5Page - STMicroelectronics AN1799 Datasheet HTML 6Page - STMicroelectronics AN1799 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
STR71x GPIO SCANNING A 4x4 MATRIX KEYPAD
3.2 DISPLAYS
Depending on which display is selected, and using a Hexadecimal to 7-segment display cor-
respondance table, the corresponding key code is extracted, then decoded to a 7-segment
display and finally sent to the 7-segment LED display.
3.3 FLOWCHARTS
KeyPressed = True
Yes
No
main
Configure XTI
Configure GPIO ports
Configure Timer 0
Configure EIC
Displayer = 0
KeyPressed = False
Display Pressed Key
Displayer = Displayer +1
Displayer = 4
Yes
No



Html Pages

1 2 3 4 5 6 7