データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2100 データシート(PDF) 21 Page - STMicroelectronics

部品番号 AN2100
部品情報  STR71x microcontroller power management
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2100 データシート(HTML) 21 Page - STMicroelectronics

Back Button AN2100 Datasheet HTML 15Page - STMicroelectronics AN2100 Datasheet HTML 16Page - STMicroelectronics AN2100 Datasheet HTML 17Page - STMicroelectronics AN2100 Datasheet HTML 18Page - STMicroelectronics AN2100 Datasheet HTML 19Page - STMicroelectronics AN2100 Datasheet HTML 20Page - STMicroelectronics AN2100 Datasheet HTML 21Page - STMicroelectronics AN2100 Datasheet HTML 22Page - STMicroelectronics AN2100 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AN2100
Example application
21/23
Note:
For power consumption measurement results, please refer to the STR71x datasheet.
STOP mode
Flash in PWD mode, MVR disabled and PLL2 disabled.
1. Configure XTI to generate interrupts on P0.15.
2. Configure the EIC to acknowledge XTI interrupt.
3. Configure MVREG/FLASH to be disabled/PWD during STOP mode.
4. Set the RCLK to the CK_AF clock source.
5. Toggle the GPIO pin P0.0.
6. Stop the external oscillator using a GPIO (P0.10).
7. Enter STOP mode.
8. Enable the external oscillator.
9. Go back to step (4).
10. Clear the XTI pending bit in the XTI_ISR.
STANDBY mode
1. Set the PLL1 to 24 MHz, RCLK = PLL1 output.
2. Configure the RTC.
3. Toggle a GPIO pin.
4. Configure RTC alarm after RTC_ALARM_DELAY.
5. Enter STANDBY mode.
Table 5.
Low power mode configuration (continued)
Low power mode
Configuration/Options during the selected low power mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23