データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC3531 データシート(PDF) 11 Page - Linear Technology

部品番号 LTC3531
部品情報  200mA Buck-Boost Synchronous DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC3531 データシート(HTML) 11 Page - Linear Technology

Back Button LTC3531 Datasheet HTML 7Page - Linear Technology LTC3531 Datasheet HTML 8Page - Linear Technology LTC3531 Datasheet HTML 9Page - Linear Technology LTC3531 Datasheet HTML 10Page - Linear Technology LTC3531 Datasheet HTML 11Page - Linear Technology LTC3531 Datasheet HTML 12Page - Linear Technology LTC3531 Datasheet HTML 13Page - Linear Technology LTC3531 Datasheet HTML 14Page - Linear Technology LTC3531 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3531/
LTC3531-3.3/LTC3531-3
11
3531fb
S I FOR ATIO
APPLICATIO
Table 3. Capacitor Vendor Information
Supplier
Series
Phone
Website
AVX
X5R
(803) 448-9411
www.avxcorp.com
Murata
X5R
USA: (814) 237-1431 www.murata.com
(800) 831-9172
Sanyo
POSCAP (619) 661-6322
www.sanyovideo.com
Taiyo Yuden X5R
(408) 573-4150
www.taiyo-yuden.com
TDK
X5R
(847) 803-6100
www.component.tdk.com
Component Selection
Only three power components are required to
complete the design of the buck-boost converter, VOUT
programming resistors are needed for the adjustable
version. The high operating frequency and low peak
currents of the LTC3531 allow the use of low value, low
profile inductors and tiny external ceramic capacitors.
Inductor Selection
For best efficiency, choose an inductor with high frequency
core material, such as ferrite, to reduce core loses. The
inductor should have low DCR (DC resistance) to reduce
the I2R losses, and must be able to handle the peak
inductor current without saturating. A 10μH to 22μH in-
ductor value with a >500mA current rating and <400mΩ
DCR is recommended. For applications where radiated
noise is a concern, a toroidal or shielded inductor can be
used. Table 2 contains a list of inductor manufacturers.
Capacitor Selection
The buck-boost convertor requires two capacitors. Ceramic
X5R types will minimize ESL and ESR while maintaining
capacitance at rated voltage over temperature. The VIN
capacitor should be at least 2.2μF. The VOUT capacitor
should be between 4.7μF and 22μF. A larger output capaci-
tor should be used if lower peak to peak output voltage
ripple is desired. A larger output capacitor will also improve
load regulation on VOUT. See Table 3 for a list of capacitor
manufacturers for input and output capacitor selection.
Table 2. Inductor Vendor Information
Supplier
Series
Phone
Website
COEV
DN4835
(800) 227-7040
www.coev.net
Coilcraft
MSS4020
(847) 639-6400
www.coilcraft.com
LPO3310
DS1608
Murata
LQH43CN
USA: (814) 237-1431
www.murata.com
LQH32CN
(800) 831-9172
Sumida
CDRH4D18
USA: (847) 956-0666
www.sumida.com
CDRH3D16/HP
Japan: 81-3-3607-5111
Toko
D312C
(847) 297-0070
www.tokoam.com
D412C
DB320C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com