データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2169 データシート(PDF) 9 Page - STMicroelectronics

部品番号 AN2169
部品情報  Porting an application from the ST10F168 to the ST10F276
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2169 データシート(HTML) 9 Page - STMicroelectronics

Back Button AN2169 Datasheet HTML 5Page - STMicroelectronics AN2169 Datasheet HTML 6Page - STMicroelectronics AN2169 Datasheet HTML 7Page - STMicroelectronics AN2169 Datasheet HTML 8Page - STMicroelectronics AN2169 Datasheet HTML 9Page - STMicroelectronics AN2169 Datasheet HTML 10Page - STMicroelectronics AN2169 Datasheet HTML 11Page - STMicroelectronics AN2169 Datasheet HTML 12Page - STMicroelectronics AN2169 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AN2169
Modified features
9/33
1.4.1
Hardware impact
The 12 volts input on pin 84 is no longer needed.
1.4.2
Software impact
The mapping of the application and the programming and erasing routines are impacted.
Figure 1.
ST10F168 & ST10 F276 Flash Memories’ Mapping
Note:
On the ST10F168, Bank 0 and Bank 1L may be remapped from segment 0 to segment 1 by
setting SYSCON.ROMS1.
On the ST10F276, sectors in segment 0 may be remapped to segment 1 by setting
SYSCON.ROMS1.
Programming
method
STEAK TM
Write/Erase Controller
Program/Erase
cycles
10 Kcycles, 20 years data retention
100 Kcycles, 20 years data retention
ST10F168
ST10F276
00’0000 - 00’3FFF
00’0000 - 00’1FFF
00’2000 - 00’3FFF
00’4000 - 00’7FFF
00’4000 - 00’7FFF
00’8000 -00’FFFF
00’8000 -00’FFFF
01’0000 - 01’7FFF
01’4000 - 01’7FFF
01’0000 - 01’3FFF
01’8000 - 01’FFFF
01’8000 - 01’FFFF
02’0000 - 02’FFFF
03’0000 - 03’FFFF
02’0000 - 03’7FFF
03’8000 - 04’FFFF
04’0000 - 04’FFFF
05’0000 - 05’ FFFF
06’0000 - 06’FFFF
07’0000 - 07’FFFF
08’0000 - 08’FFFF
09’0000 - 09’FFFF
0A’0000 - 0A’FFFF
0B’0000 - 0B’FFFF
0C’0000 - 0C’FFFF
0D’0000 - 0D’FFFF
0E’0000 - 0E’FFFF
ST10F276 Mapping
ST10F168 mapping
B0F0:8KB
B0F1:8KB
B0F2:8KB & B0F3: 8KB
Bank 0 : 16 Kbytes
Bank 1L : 16 Kbytes
Reserved for Flash registers
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Segment
number
Bank 1 H : 32 Kbytes
Bank 2 : 96 Kbytes
Bank 3 : 96 Kbytes
B0F4: 32KB
B0F5: 64KB
B0F6: 64KB
B0F7: 64KB
B0F8: 64KB
B0F9 : 64KB
B1F0 : 64KB
B1F1 : 64KB
B2F0 : 64KB
B2F1 : 64KB
B2F2: 64KB
B3F0 : 64KB
B3F1: 64KB
External memory + IRAM
Alternate Flash Area
External memory+IRAM
Alternate Flash Area
Alternate Flash Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com