| データシートサーチシステム |
|
AN2197 データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2197 データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 13 page ![]() AN2187 7 Limitations summary 11/13 7 Limitations summary For more details, refer to the KNOWN LIMITATIONS chapter at the end of each datasheet Note 1: refer to ELECTICAL CHARACTERISTICS chapter of the datasheet Note 2: no limitation if LVD is enabled. Note 3: Negative injection current on any of the analog input pins significantly reduces the accuracy of ADC. Note 4: When OSC1 or OSC2 is unconnected, main oscillator may overrun above the maximum frequency guaranteed. The product may then operates in unsafe / undefined state. Note 5: Vih(min) and Vil(max) on reset pin is 0.85xVdd and 0.16xVdd respectively. Note 6: ICC 39-pulse is not available for 8/16k Flash devices only Limitations ST72F324 ST72F321 ST72F324B ST72F321B ST72F325 Internal RC Oscillator Operation ✔2 ✔2 ✔✔ ✔ Active Halt wake up by external interrupt XX ✔✔ ✔ Negative Injection current immunity on Analogic pins 1 XX ✔✔ ✔ Over frequency on OSC pad X4 X4 X4 ✔✔ CSS functionality XX X X ✔ Vih(min) / Vil(max) 0.7xVdd / 0.3xVdd on reset pin X5 X5 ✔✔ ✔ ICC mode entry with 39 pulses ✔✔ X6 ✔✔ |