データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2282 データシート(PDF) 14 Page - STMicroelectronics

部品番号 AN2282
部品情報  With the ever-increasing success
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2282 データシート(HTML) 14 Page - STMicroelectronics

Back Button AN2282 Datasheet HTML 10Page - STMicroelectronics AN2282 Datasheet HTML 11Page - STMicroelectronics AN2282 Datasheet HTML 12Page - STMicroelectronics AN2282 Datasheet HTML 13Page - STMicroelectronics AN2282 Datasheet HTML 14Page - STMicroelectronics AN2282 Datasheet HTML 15Page - STMicroelectronics AN2282 Datasheet HTML 16Page - STMicroelectronics AN2282 Datasheet HTML 17Page - STMicroelectronics AN2282 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Firmware
AN2282
14/19
Figure 8.
uIP main control loop
For more details on TCP/IP stack application program interfaces refer to the uIP Reference
Manual and to the available documentation and information from www.sics.se [6].
The stack is processed in the main loop in the main.c module; the execution is temporized
by using the alarm of the RTC. The stack execution time is one second by hooking the
TCP/IP processing function void TCP_IP_Stack( void ) to the RTC alarm interrupt
handler. After initialization the software waits five seconds before starting the cyclic
processing. Using this approach, the TCP/IP stack is processed independently of the rest of
the whole firmware, so the stack firmware can be considered as a module of a bigger
application.
Check for packet
Check for timeout
Process packet
Application events
Output packets
Process timeout
Application events
Output packets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19