データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2390 データシート(PDF) 37 Page - STMicroelectronics

部品番号 AN2390
部品情報  A flexible universal battery charger
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2390 データシート(HTML) 37 Page - STMicroelectronics

Back Button AN2390 Datasheet HTML 33Page - STMicroelectronics AN2390 Datasheet HTML 34Page - STMicroelectronics AN2390 Datasheet HTML 35Page - STMicroelectronics AN2390 Datasheet HTML 36Page - STMicroelectronics AN2390 Datasheet HTML 37Page - STMicroelectronics AN2390 Datasheet HTML 38Page - STMicroelectronics AN2390 Datasheet HTML 39Page - STMicroelectronics AN2390 Datasheet HTML 40Page - STMicroelectronics AN2390 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
AN2390
37/42
Appendix A
A.1
Source file organization
The code is written in ‘C’ language. The Code Size is approximately 3 Kbytes. The source
code consists of 3 source files and 3 header files as listed below:
main.c: it consists of the main subroutine.
BC_func.c: These files contain the definitions of all the functions used in the main
subroutine.
Interrupt_vector.c: it consists of the interrupt vector mapping files.
BC_func.h: it consists of the declarations of all the global variables and the functions
used in the main.
ST7lib_config.h: It is the configuration file and also consists of the #define statements
for assembly language instructions like ‘NOP’ etc.
st7lites2_5_reg.h: It contains the declarations of the hardware registers.
This modular organization makes it easier to perform minor modifications to the software.
Table 10.
Examples of minor software modifications
If you want to change…
…only modify…
Voltage thresholds
BC_Func.h
PWM frequency
State update frequency
Timing thresholds
I/O Configuration
BC_InititalizePeripheral() in BC_Func.c
State diagram
BC_SlotMonitor() function in BC_Func.c
State definitions
Transition conditions
Transition priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42