| データシートサーチシステム |
|
AN2452 データシート(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2452 データシート(HTML) 16 Page - STMicroelectronics |
|
16 / 21 page ![]() Evaluation board AN2452 16/21 2.4 Layout 2.5 Bill of materials Figure 11. Top layer Figure 12. Bottom layer Figure 13. Ground layer Figure 14. Power layer Table 1. Bill of materials common to all the EVBs (EVB1G/2G/4G) Quantity Reference Part Part number - manufacturer 3 R1, R3, R4 330 Ω 0603 - PHICOMP 5 R2, R6, R7, R8, R17 2.2 k Ω 0603 - PHICOMP 1R5 0 Ω 0603 - PHICOMP 3 R9, R10, R11 100 Ω 0603 - PHICOMP 1 R14 51 Ω 0603 - PHICOMP 1 R15 4.7 k Ω 0603 - PHICOMP |