データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2455 データシート(PDF) 2 Page - STMicroelectronics

部品番号 AN2455
部品情報  STWPLLSim phase noise and settling time simulator for STW8110x
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2455 データシート(HTML) 2 Page - STMicroelectronics

  AN2455 Datasheet HTML 1Page - STMicroelectronics AN2455 Datasheet HTML 2Page - STMicroelectronics AN2455 Datasheet HTML 3Page - STMicroelectronics AN2455 Datasheet HTML 4Page - STMicroelectronics AN2455 Datasheet HTML 5Page - STMicroelectronics AN2455 Datasheet HTML 6Page - STMicroelectronics AN2455 Datasheet HTML 7Page - STMicroelectronics AN2455 Datasheet HTML 8Page - STMicroelectronics AN2455 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Installation
AN2455
2/14
1
Installation
The STWPLLSim software is written in Java and designed to run on Windows 2000/XP. To
perform time domain simulations, STWPLLSim requires the MATLAB Component Runtime
(MCR) Libraries (Copyright 1984-2005, The MathWorks, Inc. See
http://www.mathworks.com/access/helpdesk/help/toolbox/compiler/index.html?/access/help
desk/help/toolbox/compiler/f12-999353.html).
Run
SETUP.bat to install STWPLLSim.
2
Main form
Figure 1.
STWPLLSim: main form and project flow
2.1
Creating and managing projects
New and Open buttons allow the user to create a new project or to open an existing one.
The project can be saved by pressing the Save / Save As buttons.
1 3
4
5
6
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14