データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD6462GS データシート(PDF) 2 Page - NEC

部品番号 UPD6462GS
部品情報  CMOS LSI CHIP FOR CAMCORDER ON-SCREEN CHARACTER DISPLAY 12 ROWS x 24 COLUMNS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD6462GS データシート(HTML) 2 Page - NEC

  UPD6462GS Datasheet HTML 1Page - NEC UPD6462GS Datasheet HTML 2Page - NEC UPD6462GS Datasheet HTML 3Page - NEC UPD6462GS Datasheet HTML 4Page - NEC UPD6462GS Datasheet HTML 5Page - NEC UPD6462GS Datasheet HTML 6Page - NEC UPD6462GS Datasheet HTML 7Page - NEC UPD6462GS Datasheet HTML 8Page - NEC UPD6462GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
2
µPD6461, 6462
ORDERING INFORMATION
Part number
Package
µPD6461GS-xxx
20-pin plastic shrink SOP (300 mil)
µPD6461GT-xxx
24-pin plastic SOP (375 mil)
µPD6462GS-xxx
20-pin plastic shrink SOP (300 mil)
Remarks 1. xxx is a ROM code suffix.
2. NEC’s standard models are the
µPD6461GS-101/102, µPD6462GS-001. For the details of the
character generator ROM, refer to 5. CHARACTER PATTERNS.
µPD6461GS-101: MSB first/Specified in three-line units/RGB+3BLK/Option B/LC oscillation
µPD6461GS-102: MSB first/Specified in three-line units/RGB+VC1+VC2/Option B/LC oscillation
µPD6462GS-001: MSB first/Specified in three-line units/RGB+VC1+VC2/Option C/LC oscillation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60