| データシートサーチシステム |
|
UPD6465CS データシート(PDF) 10 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6465CS データシート(HTML) 10 Page - NEC |
|
10 / 52 page ![]() µPD6464A,6465 10 2.3 Internal Video Signal Color Control Command This command sets the color of an internal video signal. The internal video signal is a video signal (e.g., blue back) internally generated by the µPD6464A, 6465. While no external video signal is input to the µPD6464A, 6465 and therefore no character can be displayed, if the internal video signal is selected, characters can be displayed. D7 D6 D5 D4 D3 D2 D1 D0 00 1 0 R G B 0 Internal video signal color control bits RG 00 00 01 Function Black Blue Setting prohibited 01 Green B 0 1 1 0 10 10 11 11 0 1 1 0 Setting prohibited Setting prohibited White Setting prohibited • Internal video signal color control bits These bits can select four colors as the color of the internal video signal. 2.4 Background Control Command This command selects the background of the displayed character. D7 D6 D5 D4 D3 D2 D1 D0 0 0 1 1 0 BS1 BS0 0 Background control bits BS1 BS0 00 01 11 Function No background Black framing Black filling 10 Black-on-white |