| データシートサーチシステム |
|
UPD64AMC データシート(PDF) 10 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD64AMC データシート(HTML) 10 Page - NEC |
|
10 / 64 page ![]() 10 µPD64A, 65 Data Sheet U14380EJ2V0DS00 2.4 Program Memory (ROM): 1002 steps × 10 bits ( µPD64A) 2026 steps × 10 bits ( µPD65) The ROM consists of 10 bits per step, and is addressed by the program counter. The program memory stores programs and table data, etc. The 22 steps from 7EAH to 7FFH cannot be used in the test program area. Figure 2-3. Program Memory Map Note The unmounted area and test program area are so designed that a program or data placed in either of them by mistake is returned to the 000H address. 2.5 Data Memory (RAM): 32 × 4 Bits The data memory, which is a static RAM consisting of 32 × 4 bits, is used to retain processed data. The data memory is sometimes processed in 8-bit units. R0 can be used as the ROM data pointer. RF is also used as the ASR. When reset, R0 is cleared to “00H” and R1 to RF retain the previous data (undefined when turning on the power). 10 bits Page 0 000H 3FFH 400H 7E9H 7EAH 7FFH 000H 3E9H 3EAH 7E9H 7EAH 7FFH Unmounted areaNote Test program areaNote Test program areaNote Page 0 Page 1 10 bits (a) PD64A (b) PD65 µµ |