| データシートサーチシステム |
|
AN2646 データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2646 データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 43 page ![]() AN2646 - Application note Smartcard interface library: description 31/43 6.2.4 SC_ParityErrorHandler Example: /* Resend the byte to the smartcard */ SC_ParityErrorHandler(); 6.2.5 SC_PTSConfig Example: /* Configures the baudrate according to the card TA1 value */ SC_PTSConfig(); Function name SC_ParityErrorHandler Function prototype void SC_ParityErrorHandler(void); Behavior description Resends the byte that failed to be received correctly (by the smartcard) Input parameter None Output parameter None Return parameter None Required preconditions None Called functions None Function name SC_PTSConfig Function prototype void SC_PTSConfig(void); Behavior description Configures the IO speed (BaudRate) communication. Input parameter None Output parameter None Return parameter None Required preconditions Must be called just after the ATR sequence. Called functions None |