| データシートサーチシステム |
|
AN2710 データシート(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2710 データシート(HTML) 25 Page - STMicroelectronics |
|
25 / 30 page ![]() AN2710 Recommended configuration sequence 25/30 4.6 From input If the port is set to Input, use the following sequences to change modes. Alternatively, the following sequence can be used: Table 36. Input pull-up/pull-down to alternate function push-pull PC2 - 1 Alternate function push-pull PC1 - 1 No change PC0 - 1 No change Table 37. Input to analog input PC2 - 0 No change PC1 - 0 No change PC0 - 0 Analog input Table 38. Input to Input pull-up/pull-down PC2 - 0 No change PC1 - 0 IPUPD PC0 - 1 No change Table 39. Input to output open drain PC2 - 1 Output push-pull(1) 1. Glitch possible if OUTPUT =1 with no external pull-up PC1 - 0 No change PC0 - 0 Output open drain Table 40. Alternate Input to output open drain sequence PC0 - 0 Analog input PC1 - 0 No change PC2 - 1 Output open drain Table 41. Input to output push-pull PC2 - 1 Alternate function push-pull PC1 - 0 Output push-pull PC0 - 1 No change |