データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD703003GC データシート(PDF) 45 Page - NEC

部品番号 UPD703003GC
部品情報  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD703003GC データシート(HTML) 45 Page - NEC

Back Button UPD703003GC Datasheet HTML 41Page - NEC UPD703003GC Datasheet HTML 42Page - NEC UPD703003GC Datasheet HTML 43Page - NEC UPD703003GC Datasheet HTML 44Page - NEC UPD703003GC Datasheet HTML 45Page - NEC UPD703003GC Datasheet HTML 46Page - NEC UPD703003GC Datasheet HTML 47Page - NEC UPD703003GC Datasheet HTML 48Page - NEC UPD703003GC Datasheet HTML 49Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 82 page
background image
45
µPD703003
Data Sheet U12261EJ2V1DS00
14. RESET FUNCTIONS
When low-level input occurs at the RESET pin, a system reset is performed and the various on-chip hardware
devices are reset to their initial settings.
When the input at the RESET pin changes from low level to high level, the reset status is canceled and the CPU
resumes program execution. The contents of the various registers should be initialized within the program as
necessary.
The feature of the reset functions is shown below.
• On-chip noise elimination circuit which uses analog delay (
≅ 60 ns) for the RESET pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82