データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2972 データシート(PDF) 23 Page - STMicroelectronics

部品番号 AN2972
部品情報  Designing an antenna for the M24LRxx-R
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2972 データシート(HTML) 23 Page - STMicroelectronics

Back Button AN2972 Datasheet HTML 17Page - STMicroelectronics AN2972 Datasheet HTML 18Page - STMicroelectronics AN2972 Datasheet HTML 19Page - STMicroelectronics AN2972 Datasheet HTML 20Page - STMicroelectronics AN2972 Datasheet HTML 21Page - STMicroelectronics AN2972 Datasheet HTML 22Page - STMicroelectronics AN2972 Datasheet HTML 23Page - STMicroelectronics AN2972 Datasheet HTML 24Page - STMicroelectronics AN2972 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
AN2972
From design to production
Doc ID 15629 Rev 6
23/25
Figure 26. Impact of housing/packaging material on RF communication
Process flow
Design:
Start from the dual interface EEPROM’s internal tuning frequency (Ctuning).
Hint: check the device datasheet.
Calculate the theoretical Lantenna value based on Ctuning and ftuning.
Hint: use the simplified models in this application note or other more sophisticated
models developed in the RF literature.
Define the antenna dimensions.
Compute the theoretical antenna design and layout.
Prototyping
Define an antenna matrix with different values centered around the targeted
Lantenna value.
Hint: select 6 to 10 antennas with inductances that vary around L
antenna by steps
of 5 %.
Fabrication of the antennas and M24LRxx mounting.
For each prototype:
Measure the antenna’s tuning frequency.
Measure the read range with all types of selected RFID readers.
Measure the read range in configurations close to the actual product usage.
Industrialization
Characterize the tuning frequency dispersion on a significant number of samples.
Measure the read range of the lowest and highest tuning frequency boards with
various readers and in the various configurations.
Validate that the selected target Lantenna value is appropriate versus the process
variation.
Production
Process monitoring
ai17301
Dual interface EEPROM
Nonconductive housing:
RF communication OK
Conductive housing:
no RF communication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25