データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3023 データシート(PDF) 21 Page - STMicroelectronics

部品番号 AN3023
部品情報  Using the analog-to-digital converter of the STM8A microcontroller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3023 データシート(HTML) 21 Page - STMicroelectronics

Back Button AN3023 Datasheet HTML 15Page - STMicroelectronics AN3023 Datasheet HTML 16Page - STMicroelectronics AN3023 Datasheet HTML 17Page - STMicroelectronics AN3023 Datasheet HTML 18Page - STMicroelectronics AN3023 Datasheet HTML 19Page - STMicroelectronics AN3023 Datasheet HTML 20Page - STMicroelectronics AN3023 Datasheet HTML 21Page - STMicroelectronics AN3023 Datasheet HTML 22Page - STMicroelectronics AN3023 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AN3023
Design recommendations
Doc ID 16113 Rev 1
21/23
5
Design recommendations
The main design recommendations for using the analog-to-digital converter are listed below.
●
Grounding of analog/digital power
–
implement star topology
●
VDDA, VSSA filtering
–
implement RC, LC filtering
–
avoid noise from digital power supply
●
VREF selection—offset, value, precision
–
reference voltage source precision and stability to correspond to the required
precision in the application and the ADC’s capability
–
reference voltage source value and precision to correspond to the expected
measurement range
●
Source impedance vs. input impedance knowledge
–
use input buffers for measured signal
–
impedance relation with required conversion speed
●
External preamplifier usage
–
for low (and also high) level signals
–
amplifier speed and precision properties
–
amplifier dependency on frequency
●
Appropriate ADC mode, speed and trigger to be selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23