データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3117 データシート(PDF) 13 Page - STMicroelectronics

部品番号 AN3117
部品情報  This application note describes how to use the direct memory access
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3117 データシート(HTML) 13 Page - STMicroelectronics

Back Button AN3117 Datasheet HTML 9Page - STMicroelectronics AN3117 Datasheet HTML 10Page - STMicroelectronics AN3117 Datasheet HTML 11Page - STMicroelectronics AN3117 Datasheet HTML 12Page - STMicroelectronics AN3117 Datasheet HTML 13Page - STMicroelectronics AN3117 Datasheet HTML 14Page - STMicroelectronics AN3117 Datasheet HTML 15Page - STMicroelectronics AN3117 Datasheet HTML 16Page - STMicroelectronics AN3117 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AN3117
Programming the DMA using the standard peripheral library
Doc ID 16846 Rev 4
13/28
Note:
PPP refers to a peripheral that supports DMA transfers, such as ADC1, DAC, USARTx
(x=1...3), I2C, SPIx (x=1;2), TIMx(x=1...5) and AES.
3.1.1
Configuring the DMA channels
The DMA driver provides the DMA_Init() function which can be used to configure all DMA
channels.
DMA_Init(DMA_Channelx. /* select Channel to be configured
*/
DMA_Memory0BaseAddr,/* RAM memory Base Address */
DMA_PeripheralMemory1BaseAddr,
/* (case1) Peripheral base address for
memory to peripheral transfer
(case2) Memory base address for
memory to
memory transfer (this
feature exist only in Channel 3 */
DMA_BufferSize,
/* number of transactions */
DMA_DIR,
/* Direction of the transfer */
DMA_Mode,
/*
simple or circular transfer. */
DMA_MemoryIncMode,
/*
memory increment mode */
DMA_Priority,
/*
software priority */
DMA_MemoryDataSize );
/* number of transfers */
Table 4 describes the DMA_lnit function parameters and their corresponding parameter
types.
Note:
Refer to the stm8l15x_dma.h file for more details about the DMA functions and their
parameters.
Table 4.
DMA_lnit parameters
Parameter name
Parameter type
DMA_Channelx
DMA_Channel_TypeDef
DMA_Memory0BaseAddr
uint16_t
DMA_PeripheralMemory1BaseAddr
uint16_t
DMA_BufferSize
uint8_t
DMA_DIR
DMA_DIR_TypeDef
DMA_Mode
DMA_Mode_TypeDef
DMA_MemoryIncMode
DMA_MemoryIncMode_TypeDef
DMA_Priority
DMA_Priority_TypeDef
DMA_MemoryDataSize
DMA_MemoryDataSize_TypeDef



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28