データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3154 データシート(PDF) 13 Page - STMicroelectronics

部品番号 AN3154
部品情報  CAN protocol used in the STM32 bootloader
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3154 データシート(HTML) 13 Page - STMicroelectronics

Back Button AN3154 Datasheet HTML 9Page - STMicroelectronics AN3154 Datasheet HTML 10Page - STMicroelectronics AN3154 Datasheet HTML 11Page - STMicroelectronics AN3154 Datasheet HTML 12Page - STMicroelectronics AN3154 Datasheet HTML 13Page - STMicroelectronics AN3154 Datasheet HTML 14Page - STMicroelectronics AN3154 Datasheet HTML 15Page - STMicroelectronics AN3154 Datasheet HTML 16Page - STMicroelectronics AN3154 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
DocID017063 Rev 5
13/34
AN3154
Bootloader command set
33
3.3
Get ID command
The Get ID command is used to get the version of the chip ID (identification). When the
bootloader receives the command, it transmits the product ID to the host.
Figure 8. Get ID command: host side
1. GID = Get ID.
2. PID stands for product ID. Byte 1 is the MSB and byte 2, the LSB of the address. Refer to Section 3.1: Get
command for more details about the PID of the device you are using.
The host sends messages as follows:
Command message: Std ID = 0x02, data length code (DLC) = ‘not important’.
ACK Message contain: Std ID = 0x02, DLC = 1, data = 0x79 - ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34