データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3155 データシート(PDF) 5 Page - STMicroelectronics

部品番号 AN3155
部品情報  USART protocol used in the STM32 bootloader
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3155 データシート(HTML) 5 Page - STMicroelectronics

  AN3155 Datasheet HTML 1Page - STMicroelectronics AN3155 Datasheet HTML 2Page - STMicroelectronics AN3155 Datasheet HTML 3Page - STMicroelectronics AN3155 Datasheet HTML 4Page - STMicroelectronics AN3155 Datasheet HTML 5Page - STMicroelectronics AN3155 Datasheet HTML 6Page - STMicroelectronics AN3155 Datasheet HTML 7Page - STMicroelectronics AN3155 Datasheet HTML 8Page - STMicroelectronics AN3155 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
DocID17066 Rev 6
5/37
AN3155
USART bootloader code sequence
1
USART bootloader code sequence
Figure 1. Bootloader for STM32 with USART
Once the system memory boot mode is entered and the STM32 microcontroller has been
configured (for more details refer to application note AN2606 “STM32 system memory boot
mode”) the bootloader code begins to scan the USARTx_RX line pin, waiting to receive the
0x7F data frame: one start bit, 0x7F data bits, even parity bit and one stop bit.
The duration of this data frame is measured using the Systick timer. The count value of the
timer is then used to calculate the corresponding baud rate factor with respect to the current
system clock.
Next, the code initializes the serial interface accordingly. Using this calculated baud rate, an
acknowledge byte (0x79) is returned to the host, which signals that the STM32 is ready to
receive commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37