データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3208 データシート(PDF) 5 Page - STMicroelectronics

部品番号 AN3208
部品情報  Microstepping motor drive with STM8A and STM8S microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3208 データシート(HTML) 5 Page - STMicroelectronics

  AN3208 Datasheet HTML 1Page - STMicroelectronics AN3208 Datasheet HTML 2Page - STMicroelectronics AN3208 Datasheet HTML 3Page - STMicroelectronics AN3208 Datasheet HTML 4Page - STMicroelectronics AN3208 Datasheet HTML 5Page - STMicroelectronics AN3208 Datasheet HTML 6Page - STMicroelectronics AN3208 Datasheet HTML 7Page - STMicroelectronics AN3208 Datasheet HTML 8Page - STMicroelectronics AN3208 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AN3208
Winding arrangement in two-phase stepper motors
Doc ID 17411 Rev 1
5/19
1
Winding arrangement in two-phase stepper motors
There are two basic winding arrangements for the electromagnetic coils in a two-phase
stepper motor: bipolar and unipolar.
The unipolar stepper motor has two identical coils which are not connected electrically and
each coil has a centre tap.
Figure 1.
Unipolar winding arrangement
The bipolar stepper motor is the same as the unipolar stepper except the motor coils do not
have the center taps. Bipolar motor can produce higher torque in comparison to the unipolar
motor as the entire coil is energized and not just half-coils.
Figure 2.
Bipolar winding arrangement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19